Part Number Hot Search : 
A1030 HGBBN BC369 BU4846G HIP66 AS324P MC36206 MRF3010
Product Description
Full Text Search
 

To Download 40HFR400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I20201 rev. C 03/04
40HF(R) SERIES
STANDARD RECOVERY DIODES Stud Version
Features
High surge current capability Stud cathode and stud anode version Leaded version available Types up to 1600V VRRM
40 A
Typical Applications
Battery charges Converters Power supplies Machine tool controls Welding
Major Ratings and Characteristics
40HF(R) Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM TJ range range 100 to 1200 - 65 to 190
10 to 120
40 140 62 570 595 1600 1450
140, 160
40 110
Units
A C A A A A2s A2s
1400, 1600 - 65 to 160
V C
case style DO-203AB (DO-5)
www.irf.com
1
40HF(R) Series
Bulletin I20201 rev. C 03/04
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code VRRM, maximum repetitive peak reverse voltage V
100 200 400 600 800 1000 1200 1400 1600
VRSM, maximum nonrepetitive peak reverse voltage V
200 300 500 700 900 1100 1300 1500 1700
IRRM max.
@ TJ = TJ max.
mA
9
10 20 40 40HF(R) 60 80 100 120 140 160
4.5
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
40HF(R) Units Conditions 10 to 120 140 , 160
40 140 62 570 595 480 500 40 110 A C A t = 10ms t = 8.3ms t = 10ms t = 8.3ms A2s t = 10ms t = 8.3ms t = 10ms t = 8.3ms A2s V No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max. 180 conduction, half sine wave
I 2t
Maximum I2t for fusing
1600 1450 1150 1050
I 2 t V F(TO) V F(TO) rf rf V FM
Maximum I2t for fusing Value of threshold voltage (up to 1200V) Value of threshold voltage (for 1400V, 1600V) Value of forward slope resistance (up to 1200V) Value of forward slope resistance (for 1400V, 1600V) Max. forward voltage drop 1.30
16000 0.65
t = 0.1 to 10ms, no voltage reapplied TJ = TJ max. TJ = TJ max. TJ = TJ max.
0.76 4.29 m 3.8 1.50 V
TJ = TJ max. Ipk = 125A, TJ = 25C, tp = 400s rectangular wave
2
www.irf.com
40HF(R) Series
Bulletin I20201 rev. C 03/04
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC RthCS T wt Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Max. allowed mounting torque 10% Approximate weight Case style
40HF(R) 10 to 120 140 to 160
-65 to 190 -65 to 190 -65 to 160 -65 to 160
Units
C
Conditions
0.95 0.25 2.3 - 3.4 20 - 30 17 (0.6) DO-203AB (DO5) K/W Nm lbf * in g (oz)
DC operation Mounting surface, smooth, flat and greased Not lubricated threads unleaded device See Outline Table
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
0.14 0.16 0.21 0.30 0.50
Rectangular conduction Units
0.10 0.17 0.22 0.31 0.50 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
40
1 1 40 = Standard device 41 = Not isolated lead
HF
2
R
3
160
4
M
5
42 = Isolated lead with silicone sleeve (Red = Reverse polarity) (Blue = Normal polarity) 2 3 4 5 Standard diode None = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) Voltage code: Code x 10 = VRRM (See Voltage Ratings table) None = Stud base DO-203AB (DO-5) 1/4" 28UNF-2A M = Stud base DO-203AB (DO-5) M6 X 1
www.irf.com
3
40HF(R) Series
Bulletin I20201 rev. C 03/04
Outlines Table
40HF(R) Case Style DO-203AB (DO-5)
All dimensions in millimeters (inches)
11 (0.43) MAX.
6.3 (0.25) MAX.
41HF(R) Case Style DO-203AB (DO-5)
All dimensions in millimeters (inches)
4
118.5 (4.67) MAX.
107 (4.21) MAX.
www.irf.com
40HF(R) Series
Bulletin I20201 rev. C 03/04
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
190
40HF(R) Series (100V to 1200V)
190
40HF(R) Series (100V to 1200V)
180 170 160 150
30
Conduction Angle
180 170 160 150
30
Conduction Period
140 130 120 0 10
60 90 120 180 DC
140 130 0 5
60
90
120
180
10 15 20 25 30 35 40 45
Average Forward Current (A)
20
30
40
50
60
70
Average Forward Current (A) Fig. 2 - Current Ratings Characteristics
Fig. 1 - Current Ratings Characteristics
Maximum Allowable Case Temperature (C)
40HF(R) Series (1400V, 1600V)
Maximum Allowable Case Temperature (C)
160 150 140 130 120
160
40HF(R) Series (1400V, 1600V)
150 140 130 120 110 100 90 80 0 10 20 30 40 50 60 70
Average Forward Current (A) Fig. 4 - Current Ratings Characteristics
Conduction Angle
Conduction Period
30 60 90 120 180 DC
30
60
110 100 0 5
90
120 180
10 15 20 25 30 35 40 45
Average Forward Current (A)
Fig. 3 - Current Ratings Characteristics
Maximum Average Forward Power Loss (W)
60 50 40 30 20
180 120 90 60 30
SA Rth =1
K/W 1.5 W K/ 2
3
K/ W
K/W aR elt -D
RMS Limit
5K /W
7K /W
Conduction Angle
10 0 0 5
40HF(R) Series (100V to 1200V) Tj = 190C
Average Forward Current (A)
10 K/W
0 10 15 20 25 30 35 40
40
80
120
160
200
Maximum Allowable Ambient Temperature (C)
Fig. 5 - Forward Power Loss Characteristics
www.irf.com
5
40HF(R) Series
Bulletin I20201 rev. C 03/04
Maximum Average Forward Power Loss (W)
60 50 40
DC 180 120 90 60 30
SA Rth
K/W 1.5 W K/
2
=1
3
K/ W
K/W aR elt -D
30 RMS Limit 20 10 0 0 10 20 30 40 50 60
Conduction Period
5K /W
7K /W
40HF(R) Series (100V to 1200V) Tj = 190C
10 K/W
0 70
40
80
120
160
200
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 6 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
50 45 40 35 30 25 20 15 10 5 0 0 10
180 120 90 60 30
1.5
2K /W
K/ W
Rth
3
K/W
SA =1 K/W
RMS Limit
5K
7K
-D
/W
elta R
Conduction Angle
/W 10 K /W
40HF(R) Series (1400V, 1600V) Tj = 160C
20
30
0 40 25
50 75 100 125 150 175 200
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 7 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
70 60 50 40
DC 180 120 90 60 30
0 0 0 0
Conduction Period
A hS Rt = 1 W K/ a elt -D R
K/ W 2K /W
1. 5
3K /W
30 RMS Limit 20 10 0 0 10 20 30
0 0
5K /W 7 K/ W
40HF(R) Series (1400V, 1600V) Tj = 160C
0
10 K/W
40
50
60
0 0 70
40
80
120
160
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 8 - Forward Power Loss Characteristics
6
www.irf.com
40HF(R) Series
Bulletin I20201 rev. C 03/04
550
Peak Half Sine Wave Forward Current (A)
Peak Half Sine Wave Forward Current (A)
500 450 400 350 300 250 200 150 100 1
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = Tj Max. @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
600 550
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial Tj = Tj Max. 500 No Voltage Reapplied Rated Vrrm Reapplied 450
400 350 300 250 200 150 100 0.01
40HF(R) Series
40HF(R) Series
10
100
0.1
Pulse Train Duration (s)
1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
1000
Instantaneous Forward Current (A) Instantaneous Forward Current (A)
1000
Tj = Tj Max
100
Tj = 25C
100
Tj = 25C
10
Tj = Tj Max.
10
40HF (R) Series
40HF(R) Series up to 1200V
1 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
Instantaneous Forward Voltage (V) Fig. 11 - Forward Voltage Drop Characteristics (up to 1200V)
1 0 0.5 1 1.5 2 2.5 3 3.5 4
Instantaneous Forward Voltage (V) Fig. 12 - Forward Voltage Drop Characteristics (for 1400V, 1600V)
1
Steady State Value
Transient Impedance Z thJC (K/W)
(DC Operation)
0.1
40HF(R) .. Series
0.01 0.0001 0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s) Fig. 13 - Thermal Impedance ZthJC Characteristics
www.irf.com
7
40HF(R) Series
Bulletin I20201 rev. C 03/04
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/04
8
www.irf.com
This datasheet has been downloaded from: www.EEworld.com.cn
Free Download Daily Updated Database 100% Free Datasheet Search Site 100% Free IC Replacement Search Site Convenient Electronic Dictionary Fast Search System www.EEworld.com.cn
All Datasheets Cannot Be Modified Without Permission Copyright (c) Each Manufacturing Company


▲Up To Search▲   

 
Price & Availability of 40HFR400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X